? august 2009 altera corporation max ii device handbook 1. introduction introduction the max ? ii family of instant-on, non-volatile cplds is based on a 0.18-m, 6-layer-metal-flash process, with densities from 240 to 2,210 logic elements (les) (128 to 2,210 equivalent macrocells) and non-volatile storage of 8 kbits. max ii devices offer high i/o counts, fast performance, and reliable fitting versus other cpld architectures. featuring multivolt core, a user flash memory (ufm) block, and enhanced in-system programmability (isp), max ii devices are designed to reduce cost and power while providing programmable solutions for applications such as bus bridging, i/o expansion, power-on reset (por) and sequencing control, and device configuration control. features the max ii cpld has the following features: low-cost, low-power cpld instant-on, non-volatile architecture standby current as low as 25 a provides fast propagation delay and clock-to-output times provides four global clocks with two clocks available per logic array block (lab) ufm block up to 8 kbits for non-volatile storage multivolt core enabling external supply voltages to the device of either 3.3 v/2.5 v or 1.8 v multivolt i/o interface supporting 3.3-v, 2.5-v, 1.8-v, and 1.5-v logic levels bus-friendly architecture including programmable slew rate, drive strength, bus-hold, and programmable pull-up resistors schmitt triggers enabling noise tolerant inputs (programmable per pin) i/os are fully compliant with the peripheral component interconnect special interest group (pci sig) pci local bus specification, revision 2.2 for 3.3-v operation at 66 mhz supports hot-socketing built-in joint test action group (jtag) boundary-scan test (bst) circuitry compliant with ieee std. 1149.1-1990 isp circuitry compliant with ieee std. 1532 mii51001-1.9
1?2 chapter 1: introduction features max ii device handbook ? august 2009 altera corporation table 1?1 shows the max ii family features. f for more information about equivalent macrocells, refer to the max ii logic element to macrocell conversion methodology white paper. max ii and max iig devices are available in three speed grades: ?3, ?4, and ?5, with ?3 being the fastest. similarly, max iiz devices are available in three speed grades: ?6, ?7, and ?8, with ?6 being the fastest. these speed grades represent the overall relative performance, not any specific timing parameter. for propagation delay timing numbers within each speed grade and density, refer to the dc and switching characteristics chapter in the max ii device handbook . table 1?2 shows max ii device speed-grade offerings. tab le 1 ?1 . max ii family features feature epm240 epm240g epm570 epm570g epm1270 epm1270g epm2210 epm2210g epm240z epm570z les 240 570 1,270 2,210 240 570 typical equivalent macrocells 192 440 980 1,700 192 440 equivalent macrocell range 128 to 240 240 to 570 570 to 1,270 1,270 to 2,210 128 to 240 240 to 570 ufm size (bits) 8,192 8,192 8,192 8,192 8,192 8,192 maximum user i/o pins 80 160 212 272 80 160 t pd1 (ns) (1) 4.7 5.4 6.2 7.0 7.5 9.0 f cnt (mhz) (2) 304 304 304 304 152 152 t su (ns) 1.7 1.2 1.2 1.2 2.3 2.2 t co (ns) 4.3 4.5 4.6 4.6 6.5 6.7 notes to ta bl e 1? 1 : (1) t pd1 represents a pin-to-pin delay for the worst case i/o placement with a full diagonal path across the device and combinational l ogic implemented in a single lut and lab that is adjacent to the output pin. (2) the maximum frequency is limited by the i/o standard on the clock input pin. the 16-bit counter critical delay will run faster than this number. tab le 1 ?2 . max ii speed grades device speed grade ?3 ?4 ?5 ?6 ?7 ?8 epm240 epm240g vvv ??? epm570 epm570g vvv ??? epm1270 epm1270g vvv ??? epm2210 epm2210g vvv ??? epm240z ? ? ? vvv epm570z ??? vvv
chapter 1: introduction 1?3 features ? august 2009 altera corporation max ii device handbook max ii devices are available in space-saving fineline bga, micro fineline bga, and thin quad flat pack (tqfp) packages (refer to table 1?3 and table 1?4 ). max ii devices support vertical migration within the same package (for example, you can migrate between the epm570, epm1270, and epm2210 devices in the 256-pin fineline bga package). vertical migration means that you can migrate to devices whose dedicated pins and jtag pins are the same and power pins are subsets or supersets for a given package across device densities. the largest density in any package has the highest number of power pins; you must lay out for the largest planned density in a package to provide the necessary power pins for migration. for i/o pin migration across densities, cross reference the available i/o pins using the device pin-outs for all planned densities of a given package type to identify which i/o pins can be migrated. the quartus ? ii software can automatically cross-reference and place all pins for you when given a device migration list. tab le 1 ?3 . max ii packages and user i/o pins device 68-pin micro fineline bga (1) 100-pin micro fineline bga (1) 100-pin fineline bga 100-pin tqfp 144-pin tqfp 144-pin micro fineline bga (1) 256-pin micro fineline bga (1) 256-pin fineline bga 324-pin fineline bga epm240 epm240g ?808080?? ? ?? epm570 epm570g ? 76 76 76 116 ? 160 160 ? epm1270 epm1270g ? ? ? ? 116 ? 212 212 ? epm2210 epm2210g ? ? ???? ?204272 epm240z 54 80 ? ? ? ? ? ? ? epm570z ? 76 ? ? ? 116 160 ? ? note to tab l e 1 ?3 : (1) packages available in lead-free versions only. tab le 1 ?4 . max ii tqfp, fineline bga, and micro fineline bga package sizes package 68-pin micro fineline bga 100-pin micro fineline bga 100-pin fineline bga 100-pin tqfp 144-pin tqfp 144-pin micro fineline bga 256-pin micro fineline bga 256-pin fineline bga 324-pin fineline bga pitch (mm) 0.5 0.5 1 0.5 0.5 0.5 0.5 1 1 area (mm2) 25 36 121 256 484 49 121 289 361 length width (mm mm) 5 5 6 6 11 11 16 16 22 22 7 7 11 11 17 17 19 19
1?4 chapter 1: introduction referenced documents max ii device handbook ? august 2009 altera corporation max ii devices have an internal linear voltage regulator which supports external supply voltages of 3.3 v or 2.5 v, regulating the supply down to the internal operating voltage of 1.8 v. max iig and max iiz devices only accept 1.8 v as the external supply voltage. max iiz devices are pin-compatible with max iig devices in the 100-pin micro fineline bga and 256-pin micro fineline bga packages. except for external supply voltage requirements, max ii and max ii g devices have identical pin-outs and timing specifications. ta b l e 1 ?5 shows the external supply voltages supported by the max ii family. referenced documents this chapter references the following documents: dc and switching characteristics chapter in the max ii device handbook max ii logic element to macrocell conversion methodology white paper document revision history table 1?6 shows the revision history for this chapter. tab le 1 ?5 . max ii external supply voltages devices epm240 epm570 epm1270 epm2210 epm240g epm570g epm1270g epm2210g epm240z epm570z (1) multivolt core external supply voltage (v ccint ) (2) 3.3 v, 2.5 v 1.8 v multivolt i/o interface voltage levels (v ccio ) 1.5 v, 1.8 v, 2.5 v, 3.3 v 1.5 v, 1.8 v, 2.5 v, 3.3 v notes to ta bl e 1? 5 : (1) max iig and max iiz devices only accept 1.8 v on their vccint pins. the 1.8-v v cc int external supply powers the device core directly. (2) max ii devices operate internally at 1.8 v. tab le 1 ?6 . document revision history date and revision changes made summary of changes august 2009, version 1.9 updated ta ble 1? 2 . added information for speed grade ?8 october 2008, version 1.8 updated ?introduction? section. updated new document format. ? december 2007, version1.7 updated table 1?1 through table 1?5. added ?referenced documents? section. updated document with max iiz information. december 2006, version 1.6 added document revision history. ? august 2006, version 1.5 minor update to features list. ? july 2006, version 1.4 minor updates to tables. ?
chapter 1: introduction 1?5 document revision history ? august 2009 altera corporation max ii device handbook june 2005, version 1.3 updated timing numbers in table 1-1. ? december 2004, version 1.2 updated timing numbers in table 1-1. ? june 2004, version 1.1 updated timing numbers in table 1-1. ? tab le 1 ?6 . document revision history date and revision changes made summary of changes
1?6 chapter 1: introduction document revision history max ii device handbook ? august 2009 altera corporation
|